Part Number Hot Search : 
EL2075 1N3036 6VAQ8F CDRH3D28 HD7420P SLCB43A 1N3050C SKL32ASG
Product Description
Full Text Search
 

To Download SMBJ12DC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smbj5.0 thru smbj170ca smb (do-214aa) dimensions in inches and (millimeters) devices for bipolar applications for bidirectional use c or ca suffix (e.g. smbj5.0c, smbj170ca) electrical characteristics apply in both directions notes : 2. mounted on 0.2 x 0.2" ( 5.0 x 5.0mm ) copper pad to each terminal. 1. non-repetitive current pulse, per fig.3 and derated above t a = 25 o c per fig.2. 3. 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum. steady state power dissipation (note 2) symbol i fsm t j , t stg -55 to + 150 0 c units amps peak pulse power dissipation on 10/1000 s waveform (note1) minimum 600 100 value operating and storage temperature range p ppm watts peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) (note 3) p m (av) 5.0 watts vol t age range - 5.0 to 170 v olts pea k pulse power - 600 w atts technical specifica tions of surf ace mount transient vol t age suppressor features maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load, for capacitive load, derate current by 20%. rectifier specialists r dc components co., l td. mechanical data * case: molded plastic * epoxy: ul 94v- 0 rate flame retardant * mounting position: any * weight: 0.093 gram * terminals: solder plated, solderable per mil-std-750, method 2026 * polarity: indicated by cathode band except bidirectional types. .220(5.59) .200(5.08) .060(1.52) .030(0.76) .185(4.70) .160(4.06) .083(2.11) .075(1.91) * ideal for surface mounted applications * 400 watts peak pulse power capability on 10/1000 s waveform * excellent clamping capability * low zener impedance * fast response time * glass passivated junction .008(.203) .002(.051 ) 352
r dc components co., l td. rating and characteristic curves ( smbj5.0 thru smbj170ca ) 353
r dc components co., l td. smbj (600w) series transient voltage suppressors s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s 354
r dc components co., l td. smbj (600w) series transient voltage suppressors 1.v br measured after i t applied for 300s. i t = square wave pulse or equivalent. 2.for bidirectonal use c or ca suffixs for all types (ex. smbj5.0c, smbj170ca). electrical characteristics apply in both directions. 3.for bidirectional types having v wm of 10 volts and less, the i d limit is doubled. notes : s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s 355


▲Up To Search▲   

 
Price & Availability of SMBJ12DC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X